|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
L294 SWITCH-MODE SOLENOID DRIVER HIGH VOLTAGE OPERATION (UP TO 50V) HIGH OUTPUT CURRENT CAPABILITY (UP TO 4A) LOW SATURATION VOLTAGE TTL-COMPATIBLE INPUT OUTPUT SHORT CIRCUIT PROTECTION (TO GROUND, TO SUPPLY AND ACROSS THE LOAD) THERMAL SHUTDOWN OVERDRIVING PROTECTION LATCHED DIAGNOSTIC OUTPUT DESCRIPTION The L294 is a monolithic switched mode solenoid driver designed for fast, high current applications such as hummer and needle driving in printers and electronic typewriters. Power dissipation is reduced by efficient switchmode operation. An extra BLOCK DIAGRAM Multiwatt 11 ORDER CODE : L294 feature of the L294 is a latched diagnostic output which indicates when the output is short circuited. The L294 is supplied in a 11-lead Multiwatt(R) plastic power package. October 1991 1/8 L294 ABSOLUTE MAXIMUM RATING Symbol Vs VSS VEN Ip Ptot Tstg, Tj Power Supply Voltage Logic Supply Voltage Enable Voltage Peak Output Current (repetitive) Total Power Dissipation (at Tcase = 75 C) Storage and Junction Temperature Parameter Value 50 7 7 4.5 25 - 40 to 150 Unit V V V A W C CONNECTION DIAGRAM (top view) THERMAL DATA Symbol Rth-j-case Parameter Thermal resistance junction-case Max Value 3 Unit C/W 2/8 L294 ELECTRICAL CHARACTERISTICS (refer to the test circuit, Vs = 40 V, Vss = 5V, Tamb = 25 C, unless otherwise specified) Symbol Vs Id Parameter Power Supply Voltage (pin 1) Quiescent Drain Current (pin 1) Test conditions Operative Condition VENABLE = H Vi 0.6V; VENABLE = L Vss Iss Vi Logic Suply Voltage (pin 4) Quiescent Logic Supply Current Input Voltage (pin 7) VDIAG = L DIAG Output at High Impedance Operating Output Non-operative Output Ii Input Current (pin 7) Vi 0.6V Vi 0.45V VENABLE Enable Input Voltage (pin 9) Low Level High Level IENABLE Enable Input Current (pin 9) VENABLE = L VENABLE = H Iload/ Vi Trasconductance RS = 0.2 Vi = 1V Vi = 4V Vsat H Vsat L Source Output Saturation Voltage Sink Output Saturation Voltage Ip = 4A Ip = 4A Ip = 4A Rs = 0.2; Vi 0.45 V VENABLE = L IDIAG = 10 mA VDIAG = 40V Vpin 10 = 100 to 800 mV 5 0.9 V 1 120 0.4 10 V A 0.95 0.97 1 1 1.7 2 4.5 -0.3 2.4 -100 100 1.05 1.3 V V V mA A/V A -1 -3 0.8 V 0.6 0.45 A 4.5 5 10 Min. 12 20 70 7 8 100 V mA A V Typ. Max. 46 30 Unit V mA Vsat H + VsatL Total Saturation Voltage Ileakage K VDIAG IDIAG Vpin 8 Vpin 10 VSENS Output Leakage Current On Time Limiter Constant () Diagnostic Output Voltage (pin 5) Diagnostic Leakage Current (pin 5) OP AMP and OTA CD Voltage Gain () Sensing Voltage (pin 10) () () After a time interval tmax = KC2, the output stages are disabled. () See the block diagram. () Allowed range of VSENS without intervention of the short circuit protection. 3/8 L294 CIRCUIT OPERATION The L294 work as a trasconductance amplifier: it can supply an output current directly proportional to an input voltage level (Vi). Fyrthermore, it allows complete switching control of the output current waveform (see fig. 1). The following explanation refers to the Block Diagram, to fig. 1 and to the typical application circuit of fig. 2. The ton time is fixed by the width of the Enable input signal (TTL compatible): it is active low and enables the output stages "source" and "sink". At the end of ton, the load current Iload recirculates through D1 and D2, allowing fast current turn-off. The rise time tr, depends on the load characteristics, on Vi and on the supply voltage value (Vs, pin 1). During the ton time, Iload is converter into a voltage signal by means of the external sensing resistance Rs connected to pin 10. This signal, amplified by the op amp and converted by the transconductance amplifier OTA, charges the external RC network at pin 8 (R1, C1). The voltage at this pin is sensed by the inverting input of a comparator. The voltage on the non-inverting input of this one is fixed by the external voltage Vi (pin 7). After tr, the comparator switches and the output stage "source" is switched off. The comaprator output is confirmed by the voltage on the non-inverting input, which decreases of a costant fraction of Vi (1/10), allowing hysteresis operation. The current in the load now flow through D1. Two Cases are possible: the time constant of the recirculation phase is higher than R1.C1; the time constant is lower than R1.C1. In the first case, the voltage sensed in the non-inverting input of the comparator is just the value proportional to Iload. In the second case, when the current decreases too quickly, the comparator senses the voltage signal stored in the R1 C1 network. In the first case t1 depends on the load characteristics, while in the second case it depends only on the value of R1. C1. In the other words, R1. C1 fixes the minimum value of t1 )t1 1/10 R1.C1. Note that C1 should be chosen in the range 2.7 to 10 nF for stability reasons of the OTA). After t1, the comparator switches again: the output is confirmed by the voltage on the non-inverting input, which reaches Vi again (hysteresis). Now the cycle starts again: t2, t4 and t6 have the same characteristics as tr, while t3 and t5 are similar to t1. The peak current Ip depends on Vi as shown in the typical transfer function of fig.3. It can be seen that for Vi lower than 450 mV the device is not operating. For Vi greater than 600 mV, the L294 has a transconductance of 1A/V with Rs = 0.2. For Vi included between 450 and 600 mV, the operation is not guaranteed. The order parts of the device have protection and diagnostic functions. At pin 3 is connected an external capacitor C2, charged at costant current when the Enable is low. After a time interval equal to K C2 (K is defined in the table of Electrical Characteristics and has the dimensions of ohms) the output stages are switched off independently by the Input signal. This avoids the load being driven in conduction for an excessive period of time (overdriving protection). The action of this protection is shown in fig. 1b. Note that the voltage ramp at pin 3 starts whenever the Enable signal becomes active (low state), regardless of the Input signal. To reset pin 3 and to restore the normal conditions, pin 9 must return high. This protection can be disabled by grounding pin 3. The thermal protection included in the L294 has a hysteresis. It switches off the output stages whenever the junction temperature increases too much. After a fall of about 20C, the circuit starts again. Finally, the device is protected against any type of short circuit at the outputs: to ground, to supply and across the load. When the source stage current is higher than 5A and/or when the pin 10 voltage is higher then 1V (i.e. for a sink current greater than 1V/Rs) the output stages are switched off and the device is inhibited. This condition is indicated at the open-collector output DIAG (pin 5); the internal flip-flop F/F changes and forces the output transistor into saturation. The F/F must be supplied independently through Vss (pin 4). The DIAG signal is reset and the output stages are still operative by switching the device on again. After that, two cases are possible: the reason for the "bad operation" is still present and the protection acts again; the reason has been removed and the device starts to work properly. 4/8 L294 Figure 1. Output Current Waveforms. Figure 2. Test and Typical Application Circuit. D1 : 3A fast diode 200 ns } trr Figure 3. Peak Output Current vs. Input Voltage. Figure 4. Output Saturation Voltage vs. Peak Output Current. 5/8 L294 Figure 5. Safe Operating Areas. Figure 6. Turn-off Phase. CALCULATION OF THE SWITCHING TIMES Referring to the block diagram and to the waveforms of fig. 1, it is possible to calculate the switching times by means of the following relationships. RL where : V1 = Vs - Vsat L - Vsat H _ VR sens L tr = - In (1 - * Ip ) V1 RL where : V2 = Vs + VD1 + VD2 L V2 tf = - In RL V2 + RL * Io IK Io Ip Io is the value of the load current at the end of ton. t1 = t3 = t5 = ... 0.9 Ip * RL + V3 L In Ip RL + V3 RL 1 b) - R1 C1 In 0.9 R1 C1 10 V1 - Ip RL L In ( ) =- RL V1 - IK RL = a) - where V3 = Vsat L + VR sens + VD1 t2 = t4 = t6 = ... Note that the time interval t1 = t3 = t5 = ... takes the longer value between case a) and case b). The switching frequency is always : fswitching = 1 t1 + t2 In the case a) the main regulation loop is always closed and it forces : IK = (0.9 S) Ip where : S = 3 % @ Vi = 1 V S = 1.5 % @ Vi = 4 V In the case b), the same loop is open in the recirculation phase and IK, which is always lower than 0.9 Ip, is obtained by means of the following relationship. IK = Ip e - t1 RL t1 RL V3 - (1 - e - ) L L RL With the typical application circuit, in the conditions Vs = 40V, Ip = 4A, the following switching times result: tf = 174 s @ Io = Ip tr = 255 s a) 70 s t1 = b) 16 s 6/8 t2 = 29 s f = 10.2 KHz L294 MULTIWATT11 PACKAGE MECHANICAL DATA DIM. MIN. A B C D E F G G1 H1 H2 L L1 L2 L3 L4 L7 M M1 S S1 Dia1 21.5 21.4 17.4 17.25 10.3 2.65 4.1 4.88 1.9 1.9 3.65 4.3 5.08 17.5 10.7 0.49 0.88 1.57 16.87 19.6 20.2 22.3 22.2 18.1 17.75 10.9 2.9 4.5 5.3 2.6 2.6 3.85 0.846 0.843 0.685 0.679 0.406 0.104 0.161 0.192 0.075 0.075 0.144 0.169 0.200 0.689 0.421 1.7 17 1 0.55 0.95 1.83 17.13 0.019 0.035 0.062 0.664 0.772 0.795 0.878 0.874 0.713 0.699 0.429 0.114 0.177 0.209 0.102 0.102 0.152 0.067 0.669 mm TYP. MAX. 5 2.65 1.6 0.039 0.022 0.037 0.072 0.674 MIN. inch TYP. MAX. 0.197 0.104 0.063 7/8 L294 Information furnished is believed to be accurate and reliable. However, SGS-THOMSON Microelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of SGS-THOMSON Microelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. SGS-THOMSON Microelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of SGS-THOMSON Microelectronics. (c) 1994 SGS-THOMSON Microelectronics - All Rights Reserved SGS-THOMSON Microelectronics GROUP OF COMPANIES Australia - Brazil - France - Germany - Hong Kong - Italy - Japan - Korea - Malaysia - Malta - Morocco - The Netherlands - Singapore Spain - Sweden - Switzerland - Taiwan - Thaliand - United Kingdom - U.S.A. 8/8 |
Price & Availability of L294 |